Part Number Hot Search : 
MZTTC112 AD8072 AP2306 BB83307 45TTR TOM12105 100UIT 2SA1643
Product Description
Full Text Search
 

To Download BCP51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot223 pnp silicon planar medium power transistor issue 3 ? august 1995 j features * suitable for af drivers and output stages * high collector current and low v ce(sat) complementary type ? bcp54 partmarking details ? BCP51 BCP51 ? 10 BCP51 ? 16 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -45 v collector-emitter voltage v ceo -45 v emitter-base voltage v ebo -5 v peak pulse current i cm -1.5 a continuous collector current i c -1 a power dissipation at t amb =25c p tot 2w operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo -45 v i c =-100 m a collector-emitter breakdown voltage v (br)ceo -45 v i c =- 10ma * emitter-base breakdown voltage v (br)ebo -5 v i e =-10 m a collector cut-off current i cbo -100 -10 na m a v cb =-30v v cb =-30v, t amb =150c emitter cut-off current i ebo -10 m a v eb =-5v collector-emitter saturation voltage v ce(sat) -0.5 v i c =-500ma, i b =-50ma* base-emitter turn-on voltage v be(on) -1.0 v i c =-500ma, v ce =-2v* static forward current transfer ratio h fe BCP51-10 BCP51-16 40 25 63 100 100 160 250 160 250 i c =-150ma, v ce =-2v* i c =-500ma, v ce =-2v* i c =-150ma, v ce =-2v* i c =-150ma, v ce =-2v* transition frequency f t 125 mhz i c =-50ma, v ce =-10v, f=100mhz *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% BCP51 c c e b 3 - 13 not recommended for new design please use fzt593


▲Up To Search▲   

 
Price & Availability of BCP51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X